Part Number Hot Search : 
5630D7 LT1232 12030 K525CSEM ST5870 MR100 KE200 GRM18
Product Description
Full Text Search
 

To Download LCA10S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  home > product details LCA10S model input voltage [v] output wattage [w] dc output [v/a] LCA10S-5 dc 110 - 170 ac 85 - 132 10 5v 2a LCA10S-5-h dc 110 - 170 ac 85 - 132 10 5v 2a LCA10S-12 dc 110 - 170 ac 85 - 132 10.8 12v 0.9a LCA10S-24 dc 110 - 170 ac 85 - 132 12 24v 0.5a LCA10S-15 dc 110 - 170 ac 85 - 132 10.5 15v 0.7a features small and compact pcb construction ul recognized, csa certified built-in inrush current protection rohs compliant safety agency approvals complies with den-an ul1950, csa c22.2 no.234 emi compliance fcc-b vcci-b 2 year warranty(refer to instruction manual)
model LCA10S-5 LCA10S-5-h LCA10S-12 LCA10S-15 LCA10S-24 max output wattage[w] 10 10 10.8 10.5 12 dc output 5v 2a 5v 2a 12v 0.9a 15v 0.7a 24v 0.5a specifications model LCA10S-5 LCA10S-5-h LCA10S-12 LCA10S-15 LCA10S-24 input voltage[v] ac85 - 132 1 f or dc110 - 170 current[a] acin 100v 0.3typ ( io=100% ) frequency[hz] 47 - 440 or dc efficiency[%] 71typ 71typ 75typ 75typ 78typ inrush current[a] acin 100v 25typ ( io=100% ) leakage current[ma] 0.5max ( 60hz , according to ul , csa and den-an ) output voltage[v] 5 5 121524 current[a] 22 ( peak 3 ) 0.9 0.7 0.5 line regulation[mv] 20max 20max 48max 60max 96max load regulation[mv] 40max 40max 100max 120max 150max ripple[mvp-p] 0to+50 c * 1 80max 80max 120max 120max 120max -10-0 c * 1 140max 140max 160max 160max 160max ripple noise[mvp-p] 0to+50 c * 1 120max 120max 150max 150max 150max -10-0 c * 1 160max 160max 180max 180max 180max temperature regulation[mv] 50max 50max 120max 150max 240max drift[mv] * 2 20max 20max 48max 60max 96max start-up time[ms] 100max ( acin 85v , io=100% ) hold-up time[ms] 10typ ( acin 85v , io=100% ) 20typ ( acin 100v , io=100% ) output voltage adjustment range[v] fixed ( "y"which can be adjusted the output is available as optional:5v -5 to +10% : 12 , 15 , 24v t 10% ) output voltage setting[v] 4.9 - 5.3 4.9 - 5.3 11.5 - 12.5 14.4 - 15.6 23.0 - 25.0 protection circuit and others overcurrent protection works over 105% of rating ( works over 105% of peak current at option -h ) and recovers automatically overvoltage protection works over 115% of rating , by zener diode clamping operating indication not provided remote sensing not provided remote on/off not provided isolation input-output ac2 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) input-fg ac2 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) output-fg ac500v 1minute , cutoff current = 100ma , dc500v 50m w min ( at room temperature ) environment operating temp. , humid.and altitude -10 to +60 c , 20 - 90%rh ( non condensing )( refer to derating curve ), 3 , 000m ( 10 , 000feet ) max storage temp. , humid.and altitude -20 to +75 c , 20 - 90%rh ( non condensing ), 9 , 000m ( 30 , 000feet ) max vibration 10 - 55hz , 19.6m/s 2 ( 2g ), 3minutes period , 60minutes each along x , y and z axis impact 196.1m/s 2 ( 20g ), 11ms , once each x , y and z axis safety and noise regulations agency approvals ul60950-1 , csa c22.2 no.234 complies with den-an conducted noise complies with fcc-b , vcci-b others case size/weight 49 x 17 x 94mm ( w x h x d ) / 65g max cooling method convection * 1 measured by 20mhz oscilloscope or ripple-noise meter(equivalent to keisoku-giken : rm101). * 2 drift is the change in dc output for an eight hour period after a half-hour warm-up at 25 c with the input voltage held constant at the rated input/output. * avoid prolonged use under over-load. LCA10S rugged pcb type lc a 10 s -5 - o ordering information 1 series name 2 100/120v input 3 output wattage 4 single output 5 output voltage 6 optional c :with coating g :low leakage current y :with potentiometer r 123456 lca e-60 recommended noise filter nac-06-472 high voltage pulse noise type : nap series low leakage current type : nam series * the noise filter is recommended * to connect with several devices.
? derating curve ? rise time & fall time (LCA10S-5) ? overcurrent characteristics (LCA10S-5) ? static characteristics (LCA10S-5) lca e-61 LCA10S external view performance data


▲Up To Search▲   

 
Price & Availability of LCA10S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X